Part Number Hot Search : 
1N474 7N60K 62LV256 03203 IDT74 MX315 MA4ST554 EG21SR
Product Description
Full Text Search
 

To Download GRM31CR71H475K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Chip Monolithic Ceramic Capacitor
Electrical Characteristics Data 1206 X7R 4.7F 50V Murata Global Part No : GRM31CR71H475K
1. Dimension 3. Impedance/ESR - Frequency
Equipment: 4294A(16044A) 1000
Impedance
100 ( mm) L 3.2+/-0.2 W 1.6+/-0.2 T 1.6+/-0.2
ESR
Impedance/ESR (ohm)
10 1 0.1 0.01 0.001 0.0001 0.0001
2. Cap,DF,IR
Capacitance,DF 1kHz , 1Vrms IR Item Cap.[F] DF IR[M ohm] 50V , 120s Spec 4.23 to 5.17 0.025 max 106 min
0.001
0.01
0.1
1
10
Frequency (MHz)
4. Capacitance - Temperature Characteristics
Equipment: 40 4284A
5. Temperature Rise - Ripple Current (Only for reference) Equipment:
100
CVHF-400
Cap. Change (%)
0 -20 -40 -60 -80 -100 -75 -50 -25 0 25 50 75 100 125 150
Temperature Rise (deg.C)
20
No Bias
10
1
100kHz 500kHz 1MHz
0.1 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
Temperature (deg.C)
Current (Arms)
6. Capacitance - DC Voltage Characteristics
Equipment: 20 0 4284A
7. Capacitance - AC Voltage Characteristics
Equipment: 30 20 10 4284A
Cap. Change (%)
-20 -40 -60 -80 -100 0 10 20 30 40 50 60
Cap. Change (%)
0 -10 -20 -30 -40 -50 -60 0 0.5 1 1.5 2 2.5
Voltage (Vdc)
This PDF has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification before ordering. Product specifications in this PDF are as of Apr 2007. They are subject to change or our products in it may be discontinued without advance notice
Voltage (Vrms)


▲Up To Search▲   

 
Price & Availability of GRM31CR71H475K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X